Part Number Hot Search : 
100ME MX8335 LTXIT 96C3829X 1N2058 9KXXX SJ2148 TDA8808
Product Description
Full Text Search
 

To Download BA4558 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard ICs
Dual operational amplifier
BA4558 / BA4558F / BA4558N
The BA4558, BA4558F, and BA4558N are monolithic ICs with two operational amplifiers featuring low power consumption and internal phase compensation mounted on a single silicon chip. These products offer high speed, a wide band width, and low noise. Outstanding thermal characteristics and voltage gain band width make these ICs ideal for use in a wide variety of electronic circuits. The BA4558 comes in an 8-pin DIP package and is compatible with the 4558 operational amplifier. The BA4558F comes in an 8-pin SOP package, and the BA4558N in an 8-pin SIP package.
*Applications Active filters
Audio amplifiers VCOs Other electronic circuits
*Features dissipation of approximately 50mW 1) Low power
(typ.). 2) Built-in output short-circuit protection circuit. 3) Internal phase compensation.
4) No latch-up. 5) Wide range of common mode and differential voltage. 6) High gain and low noise.
*Block diagram
BA4558 / BA4558F BA4558N OUT1 1 8 VCC
- IN1
2 -
1ch
7
OUT2
1ch
+
-
+
2ch -
+
2ch
+ IN1
3
+
-
6
- IN2 1 2 3 4 5 6 7 OUT2 8 VCC
- IN1
OUT1
+ IN1
VEE
4
5
+ IN2
+ IN2
- IN2
VEE
1
Standard ICs
BA4558 / BA4558F / BA4558N
*Internal circuit configuration
VCC R1 Q7 Q5 Q13
Q11 Q8 R6 Q9 R5 + IN Q12 Q6 Q3 Q4 Q10 Q14 OUT R7 R8 Q15
- IN
Q1
Q2
R2 VEE
R3
R9 R4
D
*Absolute maximum ratings (Ta = 25C)
Parameter Power supply voltage Power dissipation Differential input voltage Common-mode input voltage Operating temperature Storage temperature Symbol VCC Pd VID VI Topr Tstg Limits BA4558 18 800 30 15 - 40 ~ + 85 BA4558F 18 550 30 15 - 40 ~ + 85 BA4558N 18 900 30 15 - 40 ~ + 85 Unit V mW V V C C
- 55 ~ + 125 - 55 ~ + 125 - 55 ~ + 125
Refer to Pd characteristics diagram.
The values for the BA4558F are those when it is mounted on a glass epoxy board ( 50mm x 50mm x 1.6mm) .
2
Standard ICs
BA4558 / BA4558F / BA4558N
*Electrical characteristics (unless otherwise noted, Ta = 25C, VCC = + 15V, VEE = - 15V)
Parameter Input offset voltage Input offset current Input bias current High-amplitude voltage gain Common-mode input voltage Maximum output voltage Minimum output voltage Common-mode rejection ratio Power supply voltage rejection ratio Slew rate Channel separation Symbol VIO IIO IB AV VICM VOH VOL CMRR PSRR S.R. CS Min. -- -- -- 86 12 12 10 70 -- -- -- Typ. 0.5 5 60 100 14 14 13 90 30 1.0 105 Max. 6.0 200 500 -- -- -- -- -- 150 -- -- Unit mV nA nA dB V V V dB V / V V / s dB RL RL RS RS 10k 2k 10k 10k 2k RL 2k, VO = 10V RS 10k Conditions
AV = 1, RL f = 1kHz
*Electrical characteristic curves
1200 QUIESCENT CURRENT: IQ (mA) 1000 BA4558N 800 BA4558 600 400 200 0 0 BA4558F 5 POWER DISSIPATION: Pd (mW) OPEN LOOP GAIN: AV (dB) 10 POWER SUPPLY VOLTAGE: V (V) 20 4
120 100
80
60
3
40
20 0 1
25
50
75 85 100
125
150
2 0
10
100
1k
10k
100k
1M 10M
AMBIENT TEMPERATURE: Ta (C)
FREQUENCY: f (Hz)
Fig.1 Power dissipation vs. ambient temperature
32 MAXIMUM OUTPUT VOLTAGE: VOM (V) INPUT BIAS CURRENT: IB (mA) 28 24 20 16 12 8 4 0 100 1k 10k 100k 1M 100
Fig.2 Quiescent current vs. power supply voltage
Fig.3 Open loop voltage gain vs. frequency
100
INPUT BIAS CURRENT: IB (nA)
80
75
60
50
40 - 20
0
20
40
60
80
25 0
10
20
30
40
FREQUENCY: f (Hz)
AMBIENT TEMPERATURE: Ta (C)
POWER SUPPLY VOLTAGE: V+ (V)
Fig.4 Maximum output voltage vs. frequency
Fig.5 Input bias current vs. ambient temperature
Fig.6 Input bias current vs. power supply voltage
3
Standard ICs
BA4558 / BA4558F / BA4558N
+5 0 -5
COMMON MODE INPUT VOLTAGE: VICM (V)
20
INPUT VOLTAGE OUTPUT VOLTAGE VIN (V) VOUT (V)
10
0
5 0 -5 0 20 40 TIME (s) 60 80
- 10
- 20 0
10 POWER SUPPLY VOLTAGE: V (V)
20
Fig.7 Output response characteristics
Fig.8 Common mode input voltage vs. power supply voltage
notes *Operationcircuit connections (1) Unused If there are any circuits which are not being used, we recommend making connections as shown in Figure 9, with the non-inverted input pin connected to the potential within the in-phase input voltage range (VICM).
- To potential in VICM
VCC
+
VEE
Fig.9 Unused circuit connections
4
Standard ICs
BA4558 / BA4558F / BA4558N
*External dimensions (Units: mm)
BA4558
9.3 0.3 6.5 0.3 8 5
BA4558F
5.0 0.2 8 6.2 0.3 4.4 0.2 5
1 0.51Min.
4 7.62
3.2 0.2 3.4 0.3
0.11
0.3 0.1
1.5 0.1
1
4
2.54
0.5 0.1 0 ~ 15
1.27
0.4 0.1
0.3Min. 0.15
DIP8
BA4558N
SOP8
19.3 0.2 10.5 0.5 5.8 0.2
2.8 0.2
1.2
1 3.5 0.5 2.54
8 0.6 0.8 1.3 0.3 0.1
SIP8
0.15 0.1
5


▲Up To Search▲   

 
Price & Availability of BA4558

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X